PART |
Description |
Maker |
KM44C256D KM44C256D-6 KM44C256D-7 KM44C256D-8 |
256k x 4Bit CMOS DRAM with Fast Page Mode 256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode 256 × 4位CMOS动态随机存储器的快速页面模
|
Samsung Electronics Samsung Semiconductor Co., Ltd.
|
HM1-6551B_883 HM-655103 HM1-6551_883 HM-6551_883 H |
256 x 4 CMOS RAM
|
INTERSIL[Intersil Corporation]
|
HM1-6561/883 HM1-6561B/883 |
256 x 4 CMOS RAM
|
Intersil Corporation
|
HM-6551 FN2989 |
256 x 4 CMOS RAM From old datasheet system
|
Intersil
|
HS1-81C56RH-8 HS1-81C56RH-Q |
Radiation Hardened 256 x 8 CMOS RAM
|
Intersil Corporation
|
P93U422-35PC P93U422-35PM P93U422-35PMB P93U422-35 |
HIGH SPEED 256 x 4 STATIC CMOS RAM
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AM42DL1614DT45IT AM42DL1614DB45IT AM42DL1614DB35IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位2米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位256亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
GLT440L16-50TC GLT440L16-40J4 GLT440L16-40TC GLT44 |
256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT 256 × 16的CMOS动态RAM的扩展数据输
|
Electronic Theatre Controls, Inc.
|
KM416V254D |
256K x 16Bit CMOS Dynamic RAM with Extended Data Out 256 × 16Bit的CMOS动态RAM的扩展数据输
|
Samsung Semiconductor Co., Ltd.
|
V850E1 V850E_SV2 V850E_IA1 V850E_IA2 V850E_IA3 V85 |
V850E/IA2 Flash product ROM: 128 KB, RAM: 6 KB V850E/IA2 Mask product ROM: 128 KB, RAM: 6 KB V850E/IA3 Flash product ROM: 256 KB, RAM: 12 KB ROM-less version; Internal RAM: 4K bytes 32-bit RISC single-chip microcontroller V850E/SV2 V850E/IA4 Flash memory product ROM: 256 KB, RAM: 12 KB 32-Bit Microprocessor Core
|
NEC[NEC]
|